Part Number Hot Search : 
ZVNL535A T74LS573 FTD2011 SRAF1690 B89P8 B89P8 LS6109 7018X7
Product Description
Full Text Search
 

To Download DPO3AUDIO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mixed signal oscilloscopes mso3000 series, dpo3000 series datasheet with the mso/dpo3000 mixed signal oscilloscope series, you can analyze up to 20 analog and digital signals with a single instrument to quickly find and diagnose problems in complex designs. bandwidths up to 500 mhz and a minimum of 5x oversampling on all channels ensure you have the performance you need for many of today's mainstream applications. to capture long windows of signal activity while maintaining fine timing resolution, the mso/dpo3000 offers a deep record length of 5 m points standard on all channels. key performance specifications 500, 300, 100 mhz bandwidth models bandwidth is upgradable (up to 500 mhz) 2 and 4 analog channel models 2.5 gs/s sample rate on all channels 5 mega-point record length on all channels >50,000 wfm/s maximum waveform capture rate suite of advanced triggers key features wave inspector ? controls provide easy navigation and automated search of waveform data 29 automated measurements, and fft analysis for simplified waveform analysis 16 digital channels (mso series) mixed signal design and analysis (mso series) automated triggering, decode, and search on parallel buses multichannel setup and hold triggering magnivu ? high-speed acquisition provides 121.2 ps fine timing resolution on digital channels optional serial triggering and analysis - automated serial triggering, decode, and search options for i 2 c, spi, can, lin, rs-232/422/485/ uart, and i 2 s/lj/rj/tdm tekvpi ? probe interface supports active, differential, and current probes for automatic scaling and units 9 in. (229 mm) wvga widescreen color display small footprint and lightweight C only 5.8 in. (147 mm) deep and 9 lb. (4 kg) connectivity usb 2.0 host port on both the front panel and rear panel for quick and easy data storage, printing, and connecting a usb keyboard usb 2.0 device port on the rear panel for easy connection to a pc or direct printing to a pictbridge ? -compatible printer integrated 10/100 ethernet port for network connection and video out port to export the oscilloscope display to a monitor or projector optional application support power analysis hdtv and custom video analysis www.tektronix.com 1
feature-rich tools for debugging mixed signal designs with wave inspector ? controls for rapid waveform navigation, automated serial and parallel bus analysis, and automated power analysis C your tektronix oscilloscope provides the feature-rich tools you need to simplify and speed debug of your complex design. comprehensive features speed every stage of debug these oscilloscopes offer a robust set of features to speed every stage of debugging your design C from quickly discovering an anomaly and capturing it, to searching your waveform record for the event and analyzing its characteristics and your devices behavior. discover to debug a design problem, first you must know it exists. every design engineer spends time looking for problems in their design, a time- consuming and frustrating task without the right debug tools. the industrys most complete visualization of signals provides fast insight into the real operation of your device. a fast waveform capture rate C greater than 50,000 waveforms per second C enables you to see glitches and other infrequent transients within seconds, revealing the true nature of device faults. a digital phosphor display with intensity grading shows the history of a signals activity by intensifying areas of the signal that occur more frequently, providing a visual display of just how often anomalies occur. discover ? fast waveform capture rate - over 50,000 wfm/s - maximizes the probability of capturing elusive glitches and other infrequent events. capture discovering a device fault is only the first step. next, you must capture the event of interest to identify root cause. the mso/dpo3000 series provides a complete set of triggers C including runt, logic, pulse width/glitch, setup/hold violation, serial packet, and parallel data C to help quickly find your event. with up to a 5 mpoint record length, you can capture many events of interest, even thousands of serial packets, in a single acquisition for further analysis while maintaining high resolution to zoom in on fine signal details. from triggering on specific packet content to automatic decode in multiple data formats, the mso/dpo3000 series provides integrated support for the industrys broadest range of serial buses C i 2 c, spi, mil-std-1553, can, lin, flexray, rs-232/422/485/uart, and i 2 s/lj/rj/tdm. the ability to decode up to two serial and/or parallel buses simultaneously means you gain insight into system-level problems quickly. to further help troubleshoot system-level interactions in complex embedded systems, the oscilloscope offers 16 digital channels in addition to its analog channels. since the digital channels are fully integrated into the oscilloscope, you can trigger across all input channels, automatically time-correlating all analog, digital, and serial signals. the magnivu ? high- speed acquisition enables you to acquire fine signal detail around the trigger point for precision measurements. magnivu is essential for making accurate timing measurements for setup and hold measurements, clock delay, signal skew, and glitch characterization. capture ? triggering on a specific transmit data packet going across an rs-232 bus. a complete set of triggers, including triggers for specific serial packet content, ensures you quickly capture your event of interest. search finding your event of interest in a long waveform record can be time consuming without the right search tools. with todays record lengths pushing beyond a million data points, locating your event can mean scrolling through thousands of screens of signal activity. datasheet 2 www.tektronix.com
the innovative wave inspector ? controls give you the industrys most comprehensive search and waveform navigation capability. these controls speed panning and zooming through your record. with a unique force- feedback system, you can move from one end of your record to the other in just seconds. user marks allow you to mark any location that you may want to reference later for further investigation. or, automatically search your record for criteria you define. wave inspector will instantly search your entire record, including analog, digital, and serial bus data. along the way it will automatically mark every occurrence of your defined event so you can quickly move between events. search ? i 2 c decode showing results from a wave inspector search for address value 50. wave inspector controls provide unprecedented efficiency in viewing and navigating waveform data. analyze verifying that your prototypes performance matches simulations and meets the projects design goals requires analyzing its behavior. tasks can range from simple checks of rise times and pulse widths to sophisticated power loss analysis and investigation of noise sources. the oscilloscope offers a comprehensive set of integrated analysis tools including waveform- and screen-based cursors, automated measurements, advanced waveform math including arbitrary equation editing, fft analysis, and trend plots for visually determining how a measurement is changing over time. specialized application support for serial bus analysis, power supply design, and video design and development is also available. for extended analysis, national instruments labview signalexpress ? tektronix edition provides over 200 built-in functions including time and frequency domain analysis, limit testing, data logging, and customizable reports. analyze ? fft analysis of a pulsed signal. a comprehensive set of integrated analysis tools speeds verification of your design's performance. wave inspector ? navigation and search with long record lengths, a single acquisition can include thousands of screens of waveform data. wave inspector ? , the industrys best tool for navigation and search, enables you to find events of interest in seconds. wave inspector controls provide unprecedented efficiency in viewing, navigating, and analyzing waveform data. zip through your long record by turning the outer pan control (1). get details from the beginning to end in seconds. see something of interest and want to see more details? just turn the inner zoom control (2). zoom and pan a dedicated, two-tier front-panel control provides intuitive control of both zooming and panning. the inner control adjusts the zoom factor (or zoom scale); turning it clockwise activates zoom and goes to progressively higher zoom factors, while turning it counterclockwise results in lower zoom factors and eventually turning zoom off. no longer do you need to navigate through multiple menus to adjust your zoom view. the outer control pans the zoom box across the waveform to quickly get to the portion of waveform you are interested in. the outer control also utilizes force-feedback to determine how fast to pan on the waveform. the farther you turn the outer control, the faster the zoom box moves. pan direction is changed by simply turning the control the other way. mso3000 series and dpo3000 series mixed signal oscilloscopes www.tektronix.com 3
play/pause a dedicated play/pause front-panel button scrolls the waveform across the display automatically while you look for anomalies or an event of interest. playback speed and direction are controlled using the intuitive pan control. once again, turning the control further makes the waveform scroll faster and changing direction is as simple as turning the control the other way. user marks press the set mark front-panel button to place one or more marks on the waveform. navigating between marks is as simple as pressing the previous () and next () buttons on the front panel. search marks the search button allows you to automatically search through your long acquisition looking for user-defined events. all occurrences of the event are highlighted with search marks and are easily navigated to, using the front- panel previous () and next () buttons. search types include edge, pulse width/glitch, timeout, runt, logic, setup and hold, rise/fall time, parallel bus, and i 2 c, spi, can, lin, flexray, rs-232/422/485/uart, mil- std-1553, and i 2 s/lj/rj/tdm packet content. search step 1: you define what you would like to find. search step 2: wave inspector automatically searches through the record and marks each event with a hollow white triangle. you can then use the previous and next buttons to jump from one event to the next. digital phosphor technology digital phosphor technology provides you with fast insight into the real operation of your device. its fast waveform capture rate C greater than 50,000 wfm/s C gives you a high probability of quickly seeing the infrequent problems common in digital systems: runt pulses, glitches, timing issues, and more. waveforms are superimposed with one another and waveform points that occur more frequently are intensified. this quickly highlights the events that over time occur more often or, in the case of infrequent anomalies, occur less often. you can choose infinite persistence or variable persistence, determining how long the previous waveform acquisitions stay on-screen. this allows you to determine how often an anomaly is occurring. digital phosphor technology enables greater than 50,000 wfms/s waveform capture rate and real-time intensity grading. datasheet 4 www.tektronix.com
mixed signal design and analysis (mso series) the mso models provide 16 digital channels which are tightly integrated into the oscilloscope's user interface. this simplifies operation and makes it possible to solve mixed-signal issues easily. the mso series provides 16 integrated digital channels enabling you to view and analyze time-correlated analog and digital signals. color-coded digital waveform display this oscilloscope has redefined the way you view digital waveforms. one common problem shared by both logic analyzers and mixed-signal oscilloscopes is determining if data is a one or a zero when zoomed in far enough that the digital trace stays flat all the way across the display. color- coded digital traces display ones in green and zeros in blue. the multiple transition detection hardware shows you a white edge on the display when the system detects multiple transitions. white edges indicate that more information is available by zooming in or acquiring at faster sampling rates. in most cases zooming in will reveal the pulse that was not viewable with the previous settings. if the white edge is still present after zooming in as far as possible, this indicates that increasing the sample rate on the next acquisition will reveal higher frequency information than the previous settings could acquire. white edges indicate additional information is available by zooming in. as shown here, zooming in on the white edge reveals a hidden glitch. you can group digital waveforms and enter waveform labels by using a usb keyboard. by simply placing digital waveforms next to each other, they form a group. with color-coded digital waveform display, groups are created by simply placing digital channels together on the screen, allowing digital channels to be moved as a group. you can set threshold values for each channel, enabling support for up to 16 different logic families. once a group is formed, you can position all the channels contained in that group collectively. this greatly reduces the normal setup time associated with positioning channels individually. mso3000 series and dpo3000 series mixed signal oscilloscopes www.tektronix.com 5
magnivu ? high-speed acquisition the main digital acquisition mode on the mso3000 series will capture up to 5 mpoints at 500 ms/s (2 ns resolution). in addition to the main record, the mso3000 provides an ultra high-resolution record called magnivu which acquires 10,000 points at up to 8.25 gs/s (121.2 ps resolution). both main and magnivu waveforms are acquired on every trigger and can be switched between in the display at any time, running or stopped. magnivu provides significantly finer timing resolution than comparable msos on the market, instilling confidence when making critical timing measurements on digital waveforms. the magnivu high-resolution record provides 121.2 ps timing resolution, enabling you to take critical timing measurements on your digital waveforms. p6316 mso probe this unique probe design offers two eight-channel pods, simplifying the process of connecting to the device-under-test. when connecting to square pins, the p6316 can connect directly to 82 square pin headers spaced on tenth-inch centers. when more attachment flexibility is required, you can use the included flying lead sets and grabbers to clip onto surface mount devices or test points. the p6316 offers outstanding electrical characteristics applying only 8 pf of capacitive loading with 101 k input impedance. the p6316 mso probe offers two eight-channel pods to simplify connecting to your device. serial triggering and analysis (optional) on a serial bus, a single signal often includes address, control, data, and clock information. this can make isolating events of interest difficult. automatic trigger, decode, and search on bus events and conditions gives you a robust set of tools for debugging serial buses. triggering on a specific data packet going across an i 2 c bus. the yellow waveform is clock and the blue waveform is the data. a bus waveform provides decoded packet content including start, address, read/write, data, and stop. serial triggering trigger on packet content such as start of packet, specific addresses, specific data content, unique identifiers, etc. on popular serial interfaces such as i 2 c, spi, mil-std-1553, can, lin, flexray, rs-232/422/485/ uart, and i 2 s/lj/rj/tdm. bus display provides a higher-level, combined view of the individual signals (clock, data, chip enable, etc.) that make up your bus, making it easy to identify where packets begin and end and identifying sub-packet components such as address, data, identifier, crc, etc. bus decoding tired of having to visually inspect the waveform to count clocks, determine if each bit is a 1 or a 0, combine bits into bytes, and determine the hex value? let the oscilloscope do it for you! once youve set up a bus, the mso/dpo3000 series will decode each packet on the bus, and display the value in hex, binary, decimal (lin, flexray, and mil-std-1553 only), signed decimal (i 2 s/lj/rj/tdm only), or ascii (mil-std-1553 and rs-232/422/485/uart only) in the bus waveform. datasheet 6 www.tektronix.com
event table in addition to seeing decoded packet data on the bus waveform itself, you can view all captured packets in a tabular view much like you would see in a software listing. packets are time stamped and listed consecutively with columns for each component (address, data, etc.). you can save the event table data in .csv format. event table showing decoded identifier, dlc, data, and crc for every can packet in a long acquisition. search (serial triggering) serial triggering is very useful for isolating the event of interest, but once youve captured it and need to analyze the surrounding data, what do you do? in the past, users had to manually scroll through the waveform counting and converting bits and looking for what caused the event. you can have the oscilloscope automatically search through the acquired data for user-defined criteria including serial packet content. each occurrence is highlighted by a search mark. rapid navigation between marks is as simple as pressing the previous () and next () buttons on the front panel. power analysis (optional) ever increasing consumer demand for longer battery-life devices and for green solutions that consume less power require power-supply designers to characterize and minimize switching losses to improve efficiency. in addition, the supplys power levels, output purity, and harmonic feedback into the power line must be characterized to comply with national and regional power quality standards. historically, making these and many other power measurements on an oscilloscope has been a long, manual, and tedious process. the optional power analysis tools greatly simplify these tasks, enabling quick and accurate analysis of power quality, switching loss, harmonics, safe operating area (soa), modulation, ripple, and slew rate (di/dt, dv/dt). completely integrated into the oscilloscope, the power analysis tools provide automated, repeatable power measurements with a touch of a button; no external pc or complex software setup is required. safe operating area measurement. automated power measurements enable quick and accurate analysis of common power parameters. capabilities of the serial triggering application modules technology trigger bus decode event table search order product embedded i 2 c dpo3embd spi dpo3embd computer rs232/422/485, uart dpo3comp automotive can dpo3auto lin dpo3auto flexray dpo3flex military and aerospace mil-std-1553 dpo3aero audio i 2 s DPO3AUDIO lj, rj DPO3AUDIO tdm DPO3AUDIO mso3000 series and dpo3000 series mixed signal oscilloscopes www.tektronix.com 7
video design and development many video engineers have remained loyal to analog oscilloscopes, believing the intensity gradations on an analog display are the only way to see certain video waveform details. the fast waveform capture rate, coupled with its intensity-graded view of the signal, provides the same information-rich display as an analog oscilloscope, but with much more detail and all the benefits of digital scopes. standard features such as ire and mv graticules, holdoff by fields, video polarity, and an autoset smart enough to detect video signals, make these the easiest to use oscilloscopes on the market for video applications. and with high bandwidth, four analog inputs, and a built-in 75 input termination, the oscilloscope provides ample performance for analog and digital video use. the video functionality is further extended with the optional video application module, which provides the industry's most complete suite of hdtv and custom (nonstandard) video triggers. viewing an ntsc video signal. notice the intensity-graded view provided by the dpo's ability to represent time, amplitude, and distribution over time. designed to make your work easier the mso/dpo3000 is designed to make your work easier. the large, high-resolution display shows intricate signal details. dedicated front-panel controls simplify operation. a usb host port on the front panel allows you to easily transfer screen shots, instrument settings, and waveform data to a usb mass storage device. large high-resolution display the mso/dpo3000 series features a 9 inch (229 mm) wide-screen, high- resolution (800 480 wvga) display for seeing intricate signal details. dedicated front-panel controls per-channel vertical controls provide simple and intuitive operation. no longer do you need to share one set of vertical controls across all four channels. connectivity a usb host port on the front panel enables easy transfer of screen shots, instrument settings, and waveform data to a usb mass storage device. the rear panel contains a second usb host port and a usb device port for controlling the oscilloscope remotely from a pc or for connecting a usb keyboard. the usb device port can also be used to print directly to a pictbridge ? -compatible printer. an integrated 10/100 ethernet port enables easy connection to networks and a video out port allows the oscilloscope display to be exported to an external monitor or projector. compact form factor with the compact, portable form factor, you can easily move the oscilloscope between labs. and with a depth of just 5.8 inches (147 mm), it saves you valuable space on your test bench. the mso/dpo3000 series compact form factor frees up valuable space on your bench or desktop. datasheet 8 www.tektronix.com
tekvpi ? probe interface the tekvpi probe interface sets the standard for ease of use in probing. in addition to the secure, reliable connection that the interface provides, tekvpi probes feature status indicators and controls, as well as a probe menu button right on the comp box itself. this button brings up a probe menu on the oscilloscope display with all relevant settings and controls for the probe. the tekvpi interface enables direct attachment of current probes without requiring a separate power supply. tekvpi probes can be controlled remotely through usb, gpib, or lan, enabling more versatile solutions in ate environments. tekvpi probe interface simplifies connecting your probes to the oscilloscope. extended analysis exporting data and measurements is as simple as connecting a usb cable from the oscilloscope to your pc. key software applications C ni labview signalexpress ? tektronix edition le, openchoice ? desktop, and microsoft excel and word toolbars C are included standard with each oscilloscope to enable fast and easy direct communication with your windows pc. ni labview signalexpress tektronix edition le enables you to instantly acquire, generate, analyze, compare, import, and save measurement data and signals using an intuitive drag-and-drop user interface that does not require any programming. the optional professional version offers over 200 built-in functions that provide additional signal processing, advanced analysis, sweeping, limit testing and user-defined step capabilities. for simple tasks, the included openchoice desktop enables fast and easy communication between the oscilloscope and your pc through usb or lan for transferring settings, waveforms, and screen images. ni labview signalexpress ? tektronix edition is a fully interactive measurement and analysis software package developed jointly with national instruments and optimized for the mso/dpo series. openchoice ? desktop software enables seamless connection between the oscilloscope and your pc. mso3000 series and dpo3000 series mixed signal oscilloscopes www.tektronix.com 9
specifications all specifications apply to all models unless noted otherwise. model overview mso3012 and dpo3012 mso3014 and dpo3014 mso3032 and dpo3032 mso3034 and dpo3034 dpo3052 mso3054 and dpo3054 analog channels 2 4 2 4 2 4 analog bandwidth (-3db) 100 mhz 100 mhz 300 mhz 300 mhz 500 mhz 500 mhz calculated rise time at 5 mv/div, typical 3.5 ns 3.5 ns 1.17 ns 1.17 ns 700 ps 700 ps sample rate (analog channels) 2.5 gs/s 2.5 gs/s 2.5 gs/s 2.5 gs/s 2.5 gs/s 2.5 gs/s record length 5 m points 5 m points 5 m points 5 m points 5 m points 5 m points digital channels mso models add 16 digital channels to the corresponding dpo model vertical system analog channels hardware bandwidth limits 300 mhz models 20 mhz and 150 mhz 100 mhz models 20 mhz input coupling ac, dc, gnd input impedance 1 m 1%, 75 1%, 50 1% input sensitivity range 1 m 1 mv/div to 10 v/div 75 , 50 1 mv/div to 1 v/div vertical resolution 8 bits (11 bits with hi res) maximum input voltage 1 m 300 v rms with peaks 450 v 75 , 50 5 v rms with peaks 20 v dc gain accuracy 1.5% for 5 mv/div and above 2.0% for 2 mv/div 2.5% for 1 mv/div channel-to-channel isolation any two channels at equal vertical scale 100:1 at 100 mhz and 30:1 at >100 mhz up to the rated bandwidth offset range volts/div setting offset range 1 m input 50 and 75 input 1 mv/div to 99.5 mv/div 1 v 1 v 100 mv/div to 995 mv/div 10 v 5 v 1 v/div to 10 v/div 100 v 5 v datasheet 10 www.tektronix.com
vertical system digital channels thresholds threshold per set of 8 channels threshold selections ttl, cmos, ecl, pecl, user-defined user-defined threshold range C15 v to +25 v maximum input voltage C20 v to +30 v threshold accuracy [100 mv + 3% of threshold setting] maximum input dynamic range 50 v p-p (threshold setting dependent) minimum voltage swing 500 mv p-p input resistance 101 k probe loading 8 pf vertical resolution 1 bit horizontal system analog channels maximum duration of time captured at highest sample rate (all channels) 2 ms seconds/division range 1 ns/div to 1000 s/div time-base delay time range -10 divisions to 5000 s channel-to-channel deskew range 100 ns time base accuracy 10 ppm over any 1 ms interval horizontal system digital channels seconds/division range 1 ns/div to 1000 s/div maximum record length (main, all channels) 5 m points maximum sample rate (magnivu, all channels) 8.25 gs/s (121.2 ps resolution) maximum record length (magnivu, all channels) 10 k points centered on the trigger minimum detectible pulse width 2.0 ns channel-to-channel skew 500 ps, typical, digital channel to digital channel only this is the propagation path skew and ignores skew contributions due to bandpass distortion, threshold inaccuracies (see threshold accuracy), and sample binning (see digital channel timing resolution) mso3000 series and dpo3000 series mixed signal oscilloscopes www.tektronix.com 11
trigger system trigger modes auto, normal, and single trigger coupling dc, ac, hf reject (attenuates >50 khz), lf reject (attenuates <50 khz), noise reject (reduces sensitivity) trigger holdoff range 20 ns to 8 s trigger sensitivity, typical edge type, dc coupled trigger source sensitivity any input channel 0.50 div from dc to 50 mhz, increasing to 1 div at oscilloscope bandwidth aux input (external trigger) 200 mv from dc to 50 mhz, increasing to 500 mv at 250 mhz line fixed trigger level ranges any input channel 8 divisions from center of screen, 8 divisions from 0 v when vertical lf reject trigger coupling is selected aux input (external trigger) 8 v line the line trigger level is fixed at about 50% of the line voltage. trigger types edge positive or negative slope on any channel or front-panel auxiliary input. coupling includes dc, ac, hf reject, lf reject, and noise reject. sequence (b-trigger) trigger delay by time: 8 ns to 8 s. or trigger delay by events: 1 to 9,999,999 events. pulse width trigger on width of positive or negative pulses that are >, <, =, , or inside/outside a specified period of time. timeout trigger on an event which remains high, low, or either, for a specified time period (4 ns to 8 s). runt trigger on a pulse that crosses one threshold but fails to cross a second threshold before crossing the first again. logic trigger when any logical pattern of channels goes false or stays true for specified period of time. any input can be used as a clock to look for the pattern on a clock edge. pattern (and, or, nand, nor) specified for all input channels defined as high, low, or dont care. setup and hold trigger on violations of both setup time and hold time between clock and data present on any of the analog and digital input channels. rise/fall time trigger on pulse edge rates that are faster or slower than specified. slope may be positive, negative, or either. video trigger on all lines, odd, even, or all fields on ntsc, pal, and secam video signals. extended video (optional) trigger on 480p/60, 576p/50, 720p/30, 720p/50, 720p/60, 875i/60, 1080i/50, 1080i/60, 1080p/24, 1080p/24sf, 1080p/25, 1080p/ 30, 1080p/50, 1080p/60, and custom bi-level and tri-level sync video standards. i 2 c (optional) trigger on start, repeated start, stop, missing ack, address (7 or 10 bit), data, or address and data on i 2 c buses up to 10 mb/s. spi (optional) trigger on ss, mosi, miso, or mosi and miso on spi buses up to 10.0 mb/s. rs-232/422/485/uart (optional) trigger on tx start bit, rx start bit, tx end of packet, rx end of packet, tx data, rx data, tx parity error, and rx parity error up to 10 mb/s. can (optional) trigger on start of frame, frame type (data, remote, error, overload), identifier (standard or extended), data, identifier and data, end of frame, missing ack, or bit stuffing error on can signals up to 1 mb/s. data can be further specified to trigger on , <, =, >, , or a specific data value. user-adjustable sample point is set to 50% by default. lin (optional) trigger on sync, identifier, data, identifier and data, wakeup frame, sleep frame, errors such as sync, parity, or checksum errors up to 100 kb/s (by lin definition, 20 kb/s). flexray (optional) trigger on start of frame, type of frame (normal, payload, null, sync, startup), identifier, cycle count, complete header field, data, identifier and data, end of frame or errors such as header crc, trailer crc, null frame, sync frame, or startup frame errors up to 100 mb/s. datasheet 12 www.tektronix.com
mil-std-1553 (optional) trigger on sync, word type 1 (command, status, data), command word (set rt address, t/r, sub-address/mode, data word count/mode code, and parity individually), status word (set rt address, message error, instrumentation, service request bit, broadcast command received, busy, subsystem flag, dynamic bus control acceptance (dbca), terminal flag, and parity individually), data word (user-specified 16-bit data value), error (sync, parity, manchester, non-contiguous data), idle time (minimum time selectable from 2 s to 100 s; maximum time selectable from 2 s to 100 s; trigger on < minimum, > maximum, inside range, outside range). rt address can be further specified to trigger on =, , <, >, , a particular value, or inside or outside of a range. i 2 s/lj/rj/tdm (optional) trigger on word select, frame sync, or data. data can be further specified to trigger on , <, =, >, , a specific data value, or inside or outside of a range. maximum data rate for i 2 s/lj/rj is 12.5 mb/s. maximum data rate for tdm is 25 mb/s. parallel (available on mso models only) trigger on a parallel bus data value. parallel bus can be from 1 to 16 bits (from the digital channels) plus 2 or 4 bits (from the analog channels) in size. binary and hex radices are supported. acquisition system acquisition modes sample acquire sampled values. peak detect captures glitches as narrow as 2 ns at all sweep speeds. averaging from 2 to 512 waveforms included in average. envelope min-max envelope reflecting peak detect data over multiple acquisitions. hi res real-time boxcar averaging reduces random noise and increases vertical resolution. roll scrolls waveforms right to left across the screen at sweep speeds slower than or equal to 40 ms/div. waveform measurements cursors waveform and screen. automatic measurements 29, of which up to four can be displayed on-screen at any one time. measurements include: period, frequency, delay, rise time, fall time, positive duty cycle, negative duty cycle, positive pulse width, negative pulse width, burst width, phase, positive overshoot, negative overshoot, peak to peak, amplitude, high, low, max, min, mean, cycle mean, rms, cycle rms, positive pulse count, negative pulse count, rising edge count, falling edge count, area and cycle area. measurement statistics mean, min, max, standard deviation. reference levels user-definable reference levels for automatic measurements can be specified in either percent or units. gating isolate the specific occurrence within an acquisition to take measurements on, using either the screen, or waveform cursors. power measurements (optional) power quality measurements v rms , v crest factor , frequency, i rms , i crest factor , true power, apparent power, reactive power, power factor, phase angle. switching loss measurements power loss t on , t off , conduction, total. energy loss t on , t off , conduction, total. harmonics thd-f, thd-r, rms measurements. graphical and table displays of harmonics. test to iec61000-3-2 class a and mil- std-1399, section 300a. ripple measurements v ripple and i ripple . modulation analysis graphical display of +pulse width, Cpulse width, period, frequency, +duty cycle, and Cduty cycle modulation types. 1 trigger selection of command word will trigger on command and ambiguous command/status words. trigger selection of status word will trigger on status and ambiguous command/status words. mso3000 series and dpo3000 series mixed signal oscilloscopes trigger system www.tektronix.com 13
safe operating area graphical display and mask testing of switching device safe operating area measurements. dv/dt and di/dt measurements cursor measurements of slew rate. waveform math arithmetic add, subtract, multiply, and divide waveforms. math functions integrate, differentiate, fft. fft spectral magnitude. set fft vertical scale to linear rms or dbv rms, and fft window to rectangular, hamming, hanning, or blackman-harris. advanced math define extensive algebraic expressions including waveforms, reference waveforms, math functions (fft, intg, diff, log, exp, sqrt, sine, cosine, tangent), scalars, up to two user-adjustable variables and results of parametric measurements (period, freq, delay, rise, fall, poswidth, negwidth, burstwidth, phase, posdutycycle, negdutycycle, posovershoot, negovershoot, peakpeak, amplitude, rms, cyclerms, high, low, max, min, mean, cyclemean, area, cyclearea, and trend plots), e.g.,(intg(ch1 - mean(ch1)) 1.414 var1). software ni labview signalexpress ? tektronix edition a fully interactive measurement software environment optimized for your tektronix oscilloscope, enables you to instantly acquire, generate, analyze, compare, import, and save measurement data and signals using an intuitive drag-and-drop user interface that does not require any programming. standard support for acquiring, controlling, viewing, and exporting your live analog-channel signal data is permanently available through the software. the full version (sigexpte) adds additional signal processing, advanced analysis, mixed signal, sweeping, limit testing, and user-defined step capabilities and is available for a 30-day trial period standard with each instrument. openchoice ? desktop enables fast and easy communication between a windows pc and your oscilloscope using usb or lan. transfer and save settings, waveforms, measurements, and screen images. included word and excel toolbars automate the transfer of acquisition data and screen images from the oscilloscope into word and excel for quick reporting or further analysis. ivi driver provides a standard instrument programming interface for common applications such as labview, labwindows/cvi, microsoft .net, and matlab. e*scope ? web-based remote control enables control of the oscilloscope over a network connection through a standard web browser. simply enter the ip address or network name of the oscilloscope and a web page will be served to the browser. display system display type 9 inch (228.6 mm) wide format liquid crystal tft color display. display resolution 800 horizontal 480 vertical pixels (wvga). waveform styles vectors, dots, variable persistence, infinite persistence. graticules full, grid, cross hair, frame, ire and mv. format yt and xy. maximum waveform capture rate >50,000 wfm/s. datasheet power measurements (optional) 14 www.tektronix.com
input/output ports usb 2.0 high-speed host port supports usb mass storage devices, printers, and keyboards. one port available on rear panel and one on front panel. lan port (ethernet) rj-45 connector, supports 10/100base-t. gpib interface available as an optional accessory that connects to the usb device and usb host port with the tek-usb-488 gpib to usb adapter. the control interface is incorporated in the instrument user interface. video out port db-15 female connector, connect to show the oscilloscope display on an external monitor or projector. svga resolution. auxiliary input front-panel bnc connector. input impedance 1 m. max input 300 v rms cat ii with peaks 425 v. probe compensator output voltage and frequency front-panel pins amplitude 0 to 2.5 v frequency 1 khz trigger out rear-panel bnc connector, provides a negative-polarity pulse when the oscilloscope triggers. kensington-style lock rear-panel security slot connects to standard kensington-style lock. power source power source voltage 85 to 265 v 10% power source frequency 45 to 440 hz (85 to 265 v) power consumption 120 w maximum optional tekvpi ? external power supply 2 output voltage 12 v output current 5 a power consumption 50 w physical characteristics dimensions mm in. height 203.2 8 width 416.6 16.4 depth 147.3 5.8 weight kg lb. net 4.17 9.2 shipping 8.62 19 rackmount configuration 5u cooling clearance 2 in. (51 mm) required on left side and rear of instrument 2 required when total oscilloscope probe power usage exceeds 20 w. mso3000 series and dpo3000 series mixed signal oscilloscopes www.tektronix.com 15
emc, environment, and safety temperature operating 0 oc to +50 oc (+32 of to 122 of) nonoperating -40 oc to +71 oc (-40 of to 160 of) humidity operating high: 30 oc to 50 oc, 5% to 45% relative humidity low: 0 oc to 30 oc, 5% to 95% relative humidity nonoperating high: 30 oc to 50 oc, 5%to 45% relative humidity low: 0 oc to 30 oc, 5% to 95% relative humidity altitude operating 3,000 meters (9,843 feet) nonoperating 12,000 meters (39,370 feet) random vibration operating 0.31 g rms from 5 to 500 hz, 10 minutes each axis, 3 axes, 30 minutes total nonoperating 2.46 g rms from 5 to 500 hz, 10 minutes each axis, 3 axes, 30 minutes total regulatory electromagnetic compatibility ec council directive 2004/108/ec safety ul61010-1:2004, can/csa-c22.2 no. 61010.1: 2004, low voltage directive 2006/95/ec and en61010-1:2001, iec 61010-1:2001, ansi 61010-1-2004, isa 82.02.01 ordering information dpo3000 and mso3000 models dpo3012 100 mhz, 2.5 gs/s, 5 m record length, 2-channel digital phosphor oscilloscope dpo3014 100 mhz, 2.5 gs/s, 5 m record length, 4-channel digital phosphor oscilloscope dpo3032 300 mhz, 2.5 gs/s, 5 m record length, 2-channel digital phosphor oscilloscope dpo3034 300 mhz, 2.5 gs/s, 5 m record length, 4-channel digital phosphor oscilloscope dpo3052 500 mhz, 2.5 gs/s, 5 m record length, 2-channel digital phosphor oscilloscope dpo3054 500 mhz, 2.5 gs/s, 5 m record length, 4-channel digital phosphor oscilloscope mso3012 100 mhz, 2.5 gs/s, 5 m record length, 2+16 channel mixed-signal oscilloscope mso3014 100 mhz, 2.5 gs/s, 5 m record length, 4+16 channel mixed-signal oscilloscope mso3032 300 mhz, 2.5 gs/s, 5 m record length, 2+16 channel mixed-signal oscilloscope mso3034 300 mhz, 2.5 gs/s, 5 m record length, 4+16 channel mixed-signal oscilloscope mso3054 500 mhz, 2.5 gs/s, 5 m record length, 4+16 channel mixed-signal oscilloscope datasheet 16 www.tektronix.com
standard accessories probes p6139a 500 mhz, 10x passive probe (one per analog channel) p6316 (mso models only) 16-channel logic probe and accessory kit (one per instrument) accessories please specify power plug and manual language version when ordering. 200-5052-xx front cover 063-4104-xx documentation cd 016-2008-xx accessory pouch user manual power cord openchoice ? desktop software ni labview signalexpress ? tektronix edition le software calibration certificate documenting traceability to national metrology institute(s) and iso9001 quality system registration warranty three-year warranty covering all parts and labor, excluding probes. application modules application modules have licenses which can be transferred between an application module and an oscilloscope. the license may be contained in the module; allowing the module to be moved from one instrument to another. or, the license can be contained in the oscilloscope; allowing the module to be removed and stored for safekeeping. transferring the license to an oscilloscope and removing the module permits the use of more than 4 applications simultaneously. dpo3aero aerospace serial triggering and analysis module. enables triggering on packet-level information on mil-std-1553 buses as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time-stamp information. signal inputs - any ch1 - ch4, math, ref1 - ref4 recommended probing - differential or single ended (only one single-ended signal required) DPO3AUDIO audio serial triggering and analysis module. enables triggering on packet-level information on i 2 s, left justified, right justified, tdm, and custom audio buses, as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time stamp information. signal inputs - any ch1 - ch4 (and any d0 - d15 on mso models) recommended probing - single ended dpo3auto automotive serial triggering and analysis module. enables triggering on packet-level information on can bus and lin bus as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time stamp information. signal inputs - lin: any ch1 - ch4 (and any d0 - d15 on mso models); can: any ch1 - ch4 (and any d0 - d15 on mso models; single-ended probing only) recommended probing - lin: single ended; can: single ended or differential mso3000 series and dpo3000 series mixed signal oscilloscopes www.tektronix.com 17
dpo3comp computer serial triggering and analysis module. enables triggering on packet-level information on rs-232/422/485/uart buses as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time stamp information. signal inputs - any ch1 - ch4 (and any d0 - d15 on mso models; single-ended probing only) recommended probing - rs-232/uart: single ended; rs-422/485: differential dpo3embd embedded serial triggering and analysis module. enables triggering on packet-level information on i 2 c and spi buses as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time stamp information. only two-wire spi support available on dpo3012, dpo3032, and dpo3052 models. signal inputs - i 2 c: any ch1 - ch4 (and any d0 - d15 on mso models); spi: any ch1 - ch4 (and any d0 - d15 on mso models) recommended probing - i 2 c, spi: single ended dpo3flex flexray serial triggering and analysis module. enables triggering on packet-level information on flexray buses as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, packet decode tables with time-stamp information. signal inputs - any ch1 - ch4 (and any d0 - d15 on mso models; single-ended probing only) recommended probing - single ended or differential dpo3pwr power analysis module. enables quick and accurate analysis of power quality, switching loss, harmonics, safe operating area (soa), modulation, ripple, and slew rate (di/dt, dv/dt). dpo3vid hdtv and custom (nonstandard) video triggering module. instrument options bandwidth upgrades bandwidth is fully upgradable (up to 500 mhz) on any mso/dpo3000 series oscilloscope. instruments with serial numbers starting with c02 or b02 are upgraded with a software option key. instruments with serial numbers starting with c01 or b01 must be upgraded at an authorized tektronix service center. dpo3bw1t32 bandwidth upgrade from 100 mhz to 300 mhz for an mso/dpo3012 dpo3bw1t34 bandwidth upgrade from 100 mhz to 300 mhz for an mso/dpo3014 dpo3bw1t52 bandwidth upgrade from 100 mhz to 500 mhz for an mso/dpo3012 dpo3bw1t54 bandwidth upgrade from 100 mhz to 500 mhz for an mso/dpo3014 dpo3bw3t52 bandwidth upgrade from 300 mhz to 500 mhz for an mso/dpo3012 or an mso/dpo3032 dpo3bw3t54 bandwidth upgrade from 300 mhz to 500 mhz for an mso/dpo3014 or an mso/dpo3034 power cord and plug options opt. a0 north america power plug (115 v, 60 hz) opt. a1 universal euro power plug (220 v, 50 hz) opt. a2 united kingdom power plug (240 v, 50 hz) opt. a3 australia power plug (240 v, 50 hz) opt. a5 switzerland power plug (220 v, 50 hz) opt. a6 japan power plug (100 v, 110/120 v, 60 hz) opt. a10 china power plug (50 hz) opt. a11 india power plug (50 hz) opt. a12 brazil power plug (60 hz) opt. a99 no power cord datasheet 18 www.tektronix.com
language options opt. l0 english manual opt. l1 french manual opt. l2 italian manual opt. l3 german manual opt. l4 spanish manual opt. l5 japanese manual opt. l6 portuguese manual opt. l7 simplified chinese manual opt. l8 traditional chinese manual opt. l9 korean manual opt. l10 russian manual opt. l99 no manual language options include translated front-panel overlay for the selected language(s). service options opt. ca1 single calibration or functional verification opt. d1 calibration data report opt. r5 repair service 5 years (including warranty) opt. silv400 standard warranty extended to 5 years probes and accessories are not covered by the oscilloscope warranty and service offerings. refer to the datasheet of each probe and accessory model for its unique warranty and calibration terms. recommended accessories probes tap1500 1.5 ghz tekvpi ? active voltage probe tap1500x2 bundle of two 1.5 ghz active probes, single ended with tekvpi ? interface tcp0030 120 mhz tekvpi ? 30 ampere ac/dc current probe tcp0150 20 mhz tekvpi ? 150 ampere ac/dc current probe tcpa300/400 3 current measurement systems amplifier tdp0500 500 mhz tekvpi ? differential voltage probe with 42 v differential input voltage tdp1000 1 ghz tekvpi ? differential voltage probe with 42 v differential input voltage tmdp0200 750 v, 200 mhz high-voltage differential probe thdp0200 1.5 kv, 200 mhz high-voltage differential probe thdp0100 6 kv, 100 mhz high-voltage differential probe p5100a 2.5 kv, 100x high-voltage passive probe 3 requires tekvpi ? to tekprobe ? bnc adapter (tpa-bnc). mso3000 series and dpo3000 series mixed signal oscilloscopes www.tektronix.com 19
p5200 1.3 kv, 25 mhz high-voltage differential probe p5205 1.3 kv, 100 mhz high-voltage differential probe p5210 5.6 kv, 50 mhz high-voltage differential probe ada400a 3 100x, 10x, 1x, 0.1x high-gain differential amplifier nex-hd2header mictor connector breakout to 0.1 in. header pins accessories 071-2667-xx service manual (english only) tpa-bnc tekvpi ? to tekprobe ? bnc adapter tek-dpg tekvpi ? deskew pulse generator signal source 067-1686-xx power measurement deskew and calibration fixture 119-7465-xx tekvpi ? external power supply 4 sigexpte national instruments labview signalexpress ? tektronix edition software C full version fpgaview-xx mso support for altera and xilinx fpgas tek-usb-488 gpib-to-usb adapter acd4000 soft transit case hctek4321 hard transit case (requires acd4000) rmd3000 rackmount kit tektronix is registered to iso 9001 and iso 14001 by sri quality system registrar. product(s) complies with ieee standard 488.1-1987, rs-232-c, and with tektronix standard codes and formats. 4 required when total oscilloscope probe power usage exceeds 20 w. power cord not included. datasheet 20 www.tektronix.com
mso3000 series and dpo3000 series mixed signal oscilloscopes www.tektronix.com 21
datasheet asean / australasia (65) 6356 3900 austria 00800 2255 4835* balkans, israel, south africa and other ise countries +41 52 675 3777 belgium 00800 2255 4835* brazil +55 (11) 3759 7627 canada 1 800 833 9200 central east europe and the baltics +41 52 675 3777 central europe & greece +41 52 675 3777 denmark +45 80 88 1401 finland +41 52 675 3777 france 00800 2255 4835* germany 00800 2255 4835* hong kong 400 820 5835 india 000 800 650 1835 italy 00800 2255 4835* japan 81 (3) 6714 3010 luxembourg +41 52 675 3777 mexico, central/south america & caribbean 52 (55) 56 04 50 90 middle east, asia, and north africa +41 52 675 3777 the netherlands 00800 2255 4835* norway 800 16098 people's republic of china 400 820 5835 poland +41 52 675 3777 portugal 80 08 12370 republic of korea 001 800 8255 2835 russia & cis +7 (495) 6647564 south africa +41 52 675 3777 spain 00800 2255 4835* sweden 00800 2255 4835* switzerland 00800 2255 4835* taiwan 886 (2) 2722 9622 united kingdom & ireland 00800 2255 4835* usa 1 800 833 9200 * european toll-free number. if not accessible, call: +41 52 675 3777 updated 10 april 2013 for further information. tektronix maintains a comprehensive, constantly expanding collection of application notes, technical briefs and other resources to help engineers working on the cutting edge of technology. please visit www.tektronix.com . copyright ? tektronix, inc. all rights reserved. tektronix products are covered by u.s. and foreign patents, issued and pending. information in this publication supersedes that in all previously published material. specification and price change privileges reserved. tektronix and tek are registered trademarks of tektronix, inc. all other trade names referenced are the service marks, trademarks, or registered trademarks of their respective companies. 16 jul 2013 3gw-21364-11 www.tektronix.com


▲Up To Search▲   

 
Price & Availability of DPO3AUDIO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X